PART |
Description |
Maker |
ACS21MS 5962F9862901V9A 5962F9862901VCC 5962F98629 |
AC SERIES, DUAL 4-INPUT AND GATE, UUC14 Radiation Hardened Dual 4-Input AND Gate AC SERIES, DUAL 4-INPUT AND GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
5962F9862201VCC ACS11D 5962F9862201V9A ACS11MS ACS |
Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70 Radiation Hardened Triple 3-Input AND Gate
|
Intersil Corporation
|
MAX2205 MAX2205EBS MAX2205-MAX2208 MAX2206EBS MAX2 |
射频功率检波器的UCSP封装 Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 RF Power Detectors in UCSP
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IDT74ALVC08 IDT74ALVC08PY IDT74ALVC08DC IDT74ALVC0 |
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE ALVC/VCX/A SERIES, QUAD 2-INPUT AND GATE, PDSO14 3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE 3.3V的CMOS输入阳性与
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AME8812CEEV AME8812LEEV AME8801SEEV AME8840NEEV AM |
Belden RG-59/U Coaxial Cable, Wire Size: 20 AWG, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: 40 % Aluminum Braid, Jacket: PVC Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 300mA的CMOS低压 300mA CMOS LDO 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Analog Microelectronics Central Semiconductor, Corp. AME, Inc.
|
74AHCT86T14-13 74AHCT86S14-13 |
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES QUADRUPLE 2-INPUT EXCULSIVE OR GATES
|
Diodes Incorporated
|
KBPC2500-BR250 BR251 KBPC25005 KBPC2502 |
Quadruple 2-Input Positive-NOR Gates 14-TVSOP -40 to 85 25安培单相硅桥式整流器 25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER 25安培单相硅桥式整流器 Quadruple 2-Input Positive-NOR Gates 14-SO -40 to 85 25安培单相硅桥式整流器
|
Electronic Theatre Controls, Inc.
|
HD74LS32 HD74LS32P 74LS32 |
From old datasheet system LOGIC GATE,QUAD 2-INPUT OR,LS-TTL,DIP,14PIN,PLASTIC Quadruple 2-input Positive OR Gates LS SERIES, QUAD 2-INPUT OR GATE, PDIP14
|
http:// HITACHI[Hitachi Semiconductor] Hitachi America
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
U74AHC126G-S14-R |
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
SN74AHCT125NSR |
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
|
TI
|